Part Number Hot Search : 
00158 1C220 ST485 C1404 MTD214 D214I P1840SA SY605
Product Description
Full Text Search
 

To Download FSA415707 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
October 2007
FSA4157, FSA4157A Low-Voltage, 1 SPDT Analog Switch
Features
FSA4157A Features Lower ICC when the S Input is Lower Than VCC Maximum 1.15 On Resistance (RON) at 4.5V VCC 0.3 max RON Flatness at 4.5V VCC Space-Saving 6-lead, MicroPakTM and SC70 6 Packages Broad VCC Operating Range: - FSA4157: 1.65V to 5.5V - FSA4157A: 2.7V to 5.5V Fast Turn-On and Turn-Off Time Break-Before-Make Enable Circuitry Over-Voltage Tolerant TTL-Compatible Control Circuitry
Description
FSA4157 and FSA4157A are high performance Single Pole/Double Throw (SPDT) analog switches. Both devices feature ultra low RON of 1.15 maximum at 4.5V VCC and will operate over the wide VCC range of 1.65V to 5.5V for FSA4157, and 2.7V to 5.5V for FSA4157A. The device is fabricated with sub-micron CMOS technology to achieve fast switching speeds and is designed for break-before-make operation. The select input is TTL level compatible. The FSA4157A features very low quiescent current even when the control voltage is lower than the VCC supply. This feature services the mobile handset applications very well allowing for the direct interface with baseband processor general purpose I/Os.
Technology Description
The Fairchild Switch family derives from and embodies Fairchild's proven switch technology used for several years in its 74LVXL384 (FST3384) bus switch product.
Ordering Information
Part Number
FSA4157P6 FSA4157P6X FSA4157L6X FSA4157AP6 FSA4157AP6X FSA4157AL6X
Top Mark
A57 A57 EG B57 B57 EU
Package Description
6-Lead SC70, EIAJ SC88, 1.25mm Wide 6-Lead SC70, EIAJ SC88, 1.25mm Wide 6-Lead MicroPak, 1.0mm Wide 6-Lead SC70, EIAJ SC88, 1.25mm Wide 6-Lead SC70, EIAJ SC88, 1.25mm Wide 6-Lead MicroPak, 1.0mm Wide
Packing Method
250 Units on Tape and Reel 3000 Units on Tape and Reel 5000 Units on Tape and Reel 250 Units on Tape and Reel 3000 Units on Tape and Reel 5000 Units on Tape and Reel
Note: 1. All packages are lead-free per JEDEC J-STD-020B.
(c) 2006 Fairchild Semiconductor Corporation FSA5147,FSA4157A Rev. 1.0.2
www.fairchildsemi.com
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
Pin Configurations Truth Table
B1 1
6
S
Control Input(s)
Low High
Function
B0 Connected to A B1 Connected to A
GND 2
5
VCC
Pin Descriptions
B0 3
(Top View) 4
A
Pin Names
A, B0,B1 S
Function
Data Ports Control Input
Figure 1. SC70 Pin Assignments
S1
6
B1
VCC 2
5
GND
A3
4
B0
(Top Through View)
Figure 2. MicroPak Pin Assignments
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 2
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VS VIN IIK ISW ISWPEAK PD TSTG TJ TL ESD Supply Voltage DC Switch Voltage DC Input Voltage Switch Current
(2) (2)
Parameter
Min. -0.5 -0.5 -0.5 -50
Max. 6.0 VCC + 0.5 6.0 200 400 180
Unit V V V mA mA mA mW C C C V
DC Input Diode Current Peak Switch Current .(Pulse at 1ms duration, <10% Duty Cycle) Power Dissipation at 85C Storage Temperature Range Maximum Junction Temperature Lead Temperature (Soldering, 10 seconds) Human Body Model, JESD22-A114 (FSA4157A) SC70 MicroPakTM
-65
+150 +150 +260 7500
Note: 2. Input and output negative ratings may be exceeded if input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VCC VCNTRL VSW TA JA Supply Voltage Control Input Voltage Switch Input Voltage Operating Temperature
(3)
Parameter
FSA4157 FSA4157A
Min.
1.65 2.7 0 0 -40 SC70 MicroPakTM (Estimated)
Max.
5.50 5.5 VCC VCC +85 350 330
Unit
V V V C C/W
Thermal Resistance in Still Air
Note: 3. Control input must be held HIGH or LOW and it must not float.
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 3
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
DC Electrical Characteristics
Typical values are at 25C unless otherwise specified.
Ambient Temperature Symbol Parameter Conditions VCC(V) Min.
VIH Input Voltage High FSA4157A Only VIL Input Voltage Low 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 2.7 to 3.6 4.5 to 5.5 IIN INO(OFF), INC(OFF) IA(ON) Control Input Leakage Off Leakage Current of Port B0 and B1 On Leakage Current of Port A VIN=0V to VCC A=1V, 4.5v, B0 or B1=4.5, 1V A=1V, 4.5v, B0 or B1=4.5, 1V,4.5V or Floating IOUT=100mA, B0 or B1=1.5V IOUT=100mA, B0 or B1=3.5V IOUT=100mA, B0 or B1=1.5V IOUT=100mA, B0 or BI =0V, 0.75V,1.5V IOUT=100mA, B0 or BI =0V, 1V, 2V VIN=0V or VCC, IOUT=0V One Input at 2.7V, others at VCC or GND (FSA4157A Only) 2.7 to 3.6 4.5 to 5.5 5.5 -2.0 2.0 -1.0 -1.0 -20.0
-25 Typ. Max.
-40 to +85C Units Min.
2.0 2.4 0.4 0.6 0.8 1.0 1.0 20.0 A V
Max.
V
nA
5.5 2.7 4.5 4.5 2.7 4.5 3.6 5.5 4.3
-4.0 2.6 0.95 0.06 1.4
4.0 4.0 1.15 0.12
-40.0
40.0 4.3
nA
RON
Switch On Resistance On Resistance Matching Between (5) Channels On Resistance (5) Flatness Quiescent Supply Current Increase in ICC per Input
1.30 0.15
RON
RFLAT(ON)
0.2 0.1 0.1 0.2 0.3 0.5 0.5 0.4 1.0 1.0 10.0 A
ICC
ICC
A
Notes: 4. Measured by the voltage drop between the A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltage on the two (A or B ports). 5. RON = RON max - RON min measured at identical VCC, temperature, and voltage. 6. Flatness is defined as the difference between the maximum and minimum value of on resistance over the specified range of conditions.
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 4
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
AC Electrical Characteristics
Typical values are at 25C unless otherwise specified.
Ambient Temperature Symbol Parameter Conditions VCC(V) Min.
B0 or B1=1.5V, RL=50, CL=35pF (FSA4157A Only) tON Turn-On Time B0 or B1=1.5V, RL=50, CL=35pF B0 or B1=1.5V, RL=50, CL=35pF Turn-Off Time B0 or B1=1.5V, RL=50, CL=35pF B0 or B1=1.5V, RL=50, CL=35pF FSA4157 (FSA4157A Only) CL=1.0nF, VGE=0V, RGEN=0 f=1MHz, RL=50 2.7 to 3.6 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 Xtalk Crosstalk -3db Bandwidth Total Harmon Distortion f=1MHz, RL=50 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 0.002 20.0 25.0 10.0 20.0 -70.0 -70.0 -70.0 -70.0 300 300
Units Max.
65.0 60.0 40.0 30.0 ns ns
Figure
-25 Typ. Max.
60.0 50.0 35.0 20.0 15.0
-40 to +85C Min.
Figure 8
tOFF
Figure 8
20.0
tBBM
BreakBeforeMake Time Charge Injection Off Isolation
ns
Figure 9
Q OIRR
pC dB
Figure 11 Figure 10 Figure 10 Figure 13 Figure 14
dB
BW
RL=50
MHz
THD
RL=600, VIN=0.5, f=20Hz to 20kHz
% 0.002
Capacitance
Ambient Temperature Symbol Parameter Conditions VCC (V) Min.
CIN COFF CON Control Pin Input Capacitance B Port Off Capacitance On Capacitance f=1MHz f=1MHz f=1MHz 0 4.5 4.5
-25 Typ.
3.5 12.0 40.0
40 to +85C Max. Min. Max.
Units
Figure
pF pF pF
Figure 12 Figure 12 Figure 12
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 5
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
Typical Performance Characteristics
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 1
Off Isolation (dB)
10
100
1,000
Frequency (MHz)
Figure 3. Off Isolation, VCC = 2.7V to 5.5V
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 1
Off Isolation (dB)
10
100
1,000
Frequency (MHz)
Figure 4. Crosstalk, VCC = 2.7V to 5.5V
0 -1 -2
Gain (dB)
-3 -4 -5 -6 -7 -8 1 10 100 1,000
Frequency (MHz) CL = 0pF, VCC = 2.7V
Figure 5. Bandwidth, VCC = 2.7V to 5.5V
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2 www.fairchildsemi.com 6
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
Typical Performance Characteristics (Continued)
2.500 -40C VIN = 1.500V RON = 2.032
2.160
RON ()
1.819 25C VIN = 1.500V RON = 2.161
1.479
1.139
0.799 -0.600
85C VIN = 1.500V RON = 2.322 0.000 0.600 1.200 VIN (V) 1.800 2.400 3.000
Figure 6. RON Switch On Resistance, ION = 100mA, VCC = 2.7
1.500 -40C VIN = 3.500V RON = 804.300m
1.327
RON (W)
1.154 25C VIN = 3.500V RON = 999.800m
0.981
0.808
0.635 -0.960
85C VIN = 3.500V RON = 1.182 0.000 0.960 1.920 VIN (V) 2.880 3.840 4.800
Figure 7. RON Switch On Resistance, ION = 100mA, VCC = 4.5V
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 7
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
AC Loadings and Waveforms
VCC VB0 or VB1 B0 or B1 A RL 50 Control Input VINH VINL
50%
tr < 2.5ns tf < 2.5ns
VOUT CL 35
S GND
tOFF Switch Output VOUT o ION 0.9 x VOUT 0.9 x VOUT
CL Includes Fixture and Stray Capacitance
Logic Input Waveforms Inverted for Switches that have the Opposite Logic Sense
Figure 8. Turn On / Off Timing
VCC B0 B1 S Control Control Input Input GND RL 50 CL 35
VBn
A
VOUT
Control VINH Input VINL
50%
VOUT TBB-M
0.9 x VOUT
CL includes fixture and stray capacitance
Figure 9. Break Before Make Timing
VCC 10nF Network Analyzer 0 or VCC S VCC A VIN 50 50
ON-LOSS = 20log OFF-ISOLATION = 20log VOUT VIN VOUT VIN VOUT VIN
BO FSA4157 50 GND B1
VOUT
MEAS 50
REF 50
CROSSTALK = 20log
Figure 10.
Off Isolation and Crosstalk
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 8
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
AC Loadings and Waveforms (Continued)
VCC RGEN + VGE GND S Control Input IN OFF ON Q = (VOUT)(CL) OFF B0 or B1 A VOUT CL VOUT IN VOUT
OFF
ON
OFF
Figure 11.
Charge Injection
10nF VCC
A
S Capacitance Meter f = 1MHz B0 or B1 GND
VINL or VINH
Figure 12.
On / Off Capacitance Measurement Setup
10nF
Signal Generator 0dBm
BN
VCC
A 50
Analyzer
Logic Input 0V or VCC
S GND
Figure 13.
10nF
Bandwidth
VIN Signal Generator BN
VCC
A RL
Analyzer
Logic Input 0V or VCC
S GND
Figure 14.
Harmonic Distortion
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 9
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
Physical Dimensions
Figure 15.
6-Lead, SC70, EIAJ SC88 1.25mm Wide Package
Click here for tape and reel specifications, available at: http://www.fairchildsemi.com/products/analog/pdf/sc70-6_tr.pdf
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2 www.fairchildsemi.com 10
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
Physical Dimensions (Continued)
Figure 16.
6-Lead, MicropakTM 1.0mm Wide Package
Click here for tape and reel specifications, available at: http://www.fairchildsemi.com/products/logic/pdf/micropak_tr.pdf
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 11
FSA4157, FSA4157A -- Low-Voltage, 1 SPDT Analog Switch
TRADEMARKS The following are registered and unregistered trademarks and service marks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R)
(R)
Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FPSTM FRFET(R) Global Power ResourceSM
Green FPSTM Green FPSTM e-SeriesTM GTOTM i-LoTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM MillerDriveTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R)
(R)
PDP-SPMTM Power220(R)
Power247(R) POWEREDGE(R) Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6
SuperSOTTM-8 SyncFETTM The Power Franchise(R)
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) UniFETTM VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Preliminary Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild Semiconductor. The datasheet is printed for reference information only.
Rev. I31
2. A critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
No Identification Needed
Full Production
Obsolete
Not In Production
(c) 2006 Fairchild Semiconductor Corporation FSA4157.FSA4157A Rev. 1.0.2
www.fairchildsemi.com 12


▲Up To Search▲   

 
Price & Availability of FSA415707

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X